PART |
Description |
Maker |
ISL6237IRZ-T ISL6237IRZ ISL6237 |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
|
Intersil Corporation
|
MAX8733EEI MAX8732EEI |
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
MAX8734 MAX8734EEI |
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
MAX8745AETJ MAX8744AETJ MAX8745A MAX8744A |
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
ISL6236IRZA-T |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers 3.3 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
CAT3637 CAT3637HV3-GT2 |
6-Channel Programmable High Efficiency Quad-Mode?/a> LED Driver 6-Channel Programmable High Efficiency Quad-Mode⑩ LED Driver
|
Catalyst Semiconductor
|
ISL62383CHRTZ ISL62382HRTZ |
DUAL SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC28 High-Efficiency, Quad-Output System Power Supply Controller for Notebook Computers; Temperature Range: Hi-Temp Comm; Package: 32-TQFN
|
INTERSIL CORP
|
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
CAT3644HV3-GT2 CAT3644HV3-T2 |
4-Channel Ultra High Efficiency Quad-Mode LED Driver
|
Rectron Semiconductor
|
BYT51A BYT51J BYT51 BYT51D BYT51M BYT51B BYT51K BY |
INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency INNOLINE: High Voltage Output Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x From old datasheet system Silicon Mesa Rectifiers
|
Vishay Intertechnology,Inc. Vishay Telefunken
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|